Part Number Hot Search : 
00R12K 00050 SB1660PT 1680F ND4321 LM404008 MIB31TA TN2529
Product Description
Full Text Search
 

To Download NRE-FL471M63V18X355F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Aluminum Electrolytic Capacitors
HIGH TEMPERATURE, EXTENDED LOAD LIFE, RADIAL LEADS, POLARIZED FEATURES RoHS * HIGH VOLTAGE (6.3 ~ 250V) Compliant * LOW IMPEDANCE AT 100KHz includes all homogeneous materials * LONG LIFE AT HIGH TEMPERATURE (UP TO 10,000 HOURS)
NRE-FL Series
*See Part Number System for Details
CHARACTERISTICS
Rated Voltage Range Capacitance Range Operating Temperature Range Capacitance Tolerance Maximum Leakage Current W.V. (Vdc) S.V. (Vdc) C < 1,000F C = 2,200F C = 3,300F C = 4,700F C = 6,800F C = 10,000F C = 15,000F Z-20C/Z+20C Z-40C/Z+20C 6.3 ~ 250VDC 0.47 ~ 15,000F -40C ~ +105C 20% (M) 0.01CV or 3A whichever is greater after 2 minutes 6.3 8 0.22 0.24 0.26 0.28 0.32 0.40 0.50 4 8 10 16 25 35 50 63 13 20 32 44 63 79 0.19 0.16 0.14 0.12 0.10 0.09 0.21 0.18 0.16 0.14 0.12 0.23 0.20 0.18 0.16 0.25 0.22 0.20 0.29 0.26 0.37 3 2 2 2 2 2 6 4 3 3 3 3 Load Life Test @ 105C and Rated Voltage 100 125 0.08 2 3 0.04CV+100A (After 1 minute) 0.02CV+25A (After 5 minutes) 160 200 250 200 250 300 0.12 0.12 0.12 3 3 3 4 4 4
Max. Tan at 120Hz/20C
Low Temperature Stability Impedance Ratio @ 120Hz Case Size & Voltage Hours D <6.3mm, 6.3~10V D <6.3mm, 16~100V D 8mm, 6.3~10V D 8mm, 16~100V D 10mm, 6.3~10V D 10mm, 16~100V D 10mm, 160~250V D >12.5mm, 6.3~10V D >12.5mm, 16~100V D >12.5mm, 160~250V 4000 5000 6000 7000 6000 7000 2000 8000 10000 2000 Change in Characteristics
Capacitance
Within 25% of initial measured value (20% for 160 ~ 250Vdc parts)
Tan
Less than 200% of specified value
LC
Less than specified value
PART NUMBER SYSTEM NRE-FL 101 M 100V 12.5X20 F .
RoHS Compliant Case Size (D x L) Working Voltage (Vdc) Tolerance Code (M=20%) Capacitance Code: First 2 characters significant, third character is multiplier Series
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
133
Miniature Aluminum Electrolytic Capacitors
MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA AT 100KHz AND 105C)
Cap. (F) 0.47 1.0 2.2 3.3 4.7 10 22 33 47 68 100 150 220 330 470 1000 2200 3300 4700 6800 10000 15000 6.3 150 250 250 400 580 1300 1300 1850 1850 2000 2200 10 150 250 400 400 770 1300 1650 1850 2000 2200 16 150 250 400 400 580 1050 1650 1850 2000 2200 Working Voltage (Vdc) 25 35 50 63 100 17 15 30 20 43 30 53 40 88 65 100 87 140 150 140 160 150 150 250 140 230 150 250 250 210 290 250 400 400 300 430 400 580 770 520 900 580 770 1050 660 900 770 1050 1300 750 1300 1650 1850 1390 1850 2000 2200 2000 2200 2200 160 200 250 350 350 300 450 550 450 600 600 850 600 950 1050 950 1200 1200 1200 1280 1400 1400 -
NRE-FL Series
RIPPLE CURRENT FREQUENCY CORRECTION FACTOR
Frequency (Hz) 0.47 ~ 10F 22 ~ 33F 47 ~ 330F 470 ~ 1000F 2200 ~ 15000F 120 0.42 0.55 0.70 0.75 0.80 1K 0.60 0.75 0.85 0.90 0.95 10K 0.80 0.90 0.95 0.98 1.00 <100K 1.00 1.00 1.00 1.00 1.00 10K 0.90 <100K 1.00
All 160 ~ 250V Parts Frequency (Hz) 60(50) 120 1K Coefficient 0.40 0.50 0.75
MAXIMUM IMPEDENCE ( AT 100KHz AND 20C)
Cap. (F) 0.47 1.0 2.2 3.3 4.7 10 22 33 47 68 100 150 220 330 470 1000 2200 3300 4700 6800 10000 15000 6.3 0.90 0.40 0.40 0.25 0.16 0.062 0.062 0.034 0.034 0.029 0.025 10 0.90 0.40 0.25 0.25 0.12 0.062 0.048 0.034 0.029 0.025 16 0.90 0.40 0.25 0.25 0.16 0.078 0.048 0.034 0.029 0.025 25 0.90 0.90 0.40 0.25 0.16 0.12 0.062 0.034 0.029 0.025 Working Voltage (Vdc) 35 50 63 5.5 4.0 2.5 2.2 1.9 1.5 2.3 0.90 1.3 0.90 0.40 1.2 0.40 0.40 0.63 0.25 0.25 0.43 0.16 0.12 0.21 0.12 0.078 0.16 0.078 0.062 0.12 0.048 0.034 0.054 0.029 0.025 0.025 100 6.0 4.5 3.0 2.7 2.5 1.2 0.63 0.43 0.31 0.16 0.073 0.073 160 1.0 0.70 0.45 0.45 0.24 0.17 0.14 200 1.0 0.55 0.44 0.24 0.17 0.16 0.14 250 1.4 0.70 0.31 0.22 0.18 -
(R)
134
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Miniature Aluminum Electrolytic Capacitors
STANDARD PRODUCT AND CASE SIZE TABLE D x L (mm)
Cap. (F) 0.47 1.0 2.2 3.3 4.7 10 22 33 47 68 100 150 220 330 470 1000 2200 3300 4700 6800 10000 15000 Code R47 1R0 2R2 3R3 4R7 100 220 330 470 680 101 151 221 331 471 102 222 332 472 682 103 153 6.3 5x11 6.3x11 6.3x11 8x11.5 10x12.5 12.5x20 12.5x20 16x25 16x25 16x31.5 18x35.5 10 5x11 6.3x11 8x11.5 8x11.5 10x16 12.5x20 12.5x25 16x25 16x31.5 18x35.5 16 5x11 6.3x11 8x11.5 8x11.5 10x12.5 10x20 12.5x25 16x25 16x31.5 18x35.5 25 5x11 5x11 6.3x11 8x11.5 10x12.5 10x16 12.5x20 16x25 16x31.5 18x35.5 Working Voltage (Vdc) 35 50 63 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 6.3x11 5x11 6.3x11 6.3x11 6.3x11 6.3x11 8x11.5 8x11.5 8x11.5 10x12.5 10x12.5 10x16 10x20 10x16 10x20 12.5x20 10x20 12.5x20 12.5x25 12.5x25 16x25 16x31.5 16x31.5 18x35.5 18x35.5 100 5x11 5x11 5x11 5x11 5x11 6.3x11 8x11.5 10x12.5 10x16 12.5x20 16x25 16x25 160 10x20 12.5x20 12.5x25 12.5x25 16x25 16x31.5 18x35.5 -
NRE-FL Series
200 250 10x20 10x20 12.5x25 12.5x25 12.5x25 16x25 16x25 16x31.5 16x31.5 16x35.5 16x35.5 18x35.5 -
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D) Lead Dia. (D) Lead Spacing (F) Dim. Dim. 5 6.3 8 10 12.5 16 18 0.5 0.5 0.6 0.6 0.6 0.8 0.8 2.0 2.5 3.5 5.0 5.0 7.5 7.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 L<16mm: 1.5mm, L>20mm: 2.0mm
Polarity Marking
Insulation Sleeve
d 0.05
F 0.5
L + max.
15mm Min.
4mm Min.
D
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
135


▲Up To Search▲   

 
Price & Availability of NRE-FL471M63V18X355F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X